Part Number Hot Search : 
P1200 RBV604G EWS1212 62CTQ030 9435G BL24C256 99800 P1200
Product Description
Full Text Search
 

To Download NACNW47M63V63X55TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Aluminum Electrolytic Capacitors NACNW Series
FEATURES * CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING * NON-POLARIZED, 1000 HOURS AT 105OC * 5.5mm HEIGHT * ANTI-SOLVENT (2 MINUTES) * DESIGNED FOR REFLOW SOLDERING includes all homogeneous materials
RoHS Compliant
CHARACTERISTICS
*See Part Number System for Details 6.3 ~ 50Vcc 0.1 ~ 47F -55 ~ +105C 20% (M) 0.03CV + 8A max. W.V. (Vdc) Tan @ 120Hz/20C W.V. (Vdc) Z -25C/Z +20C Z -40C/Z +20C Capacitance Change Tan Leakage Current 6.3 10 16 25 35 50 0.24 0.22 0.20 0.20 0.20 0.18 6.3 10 16 25 35 50 3 3 2 2 2 2 8 8 4 4 3 3 Within 25% of initial measured value Less than 200% of specified max. value Less than specified max. value
Rated Voltage Range Rated Capacitance Range Operating Temp. Range Capacitance Tolerance Max. Leakage Current After 1 Minutes @ 20C Tan @ 120Hz/20C
Low Temperature Stability Impedance Ratio @ 120Hz Load Life Test 105C 1,000 Hours (Reverse polarity every 500 Hours)
STANDARD VALUES, CASE SIZES & SPECIFICATIONS
Cap. (F) 22 33 47 10 22 33 4.7 10 22 33 3.3 4.7 10 2.2 3.3 4.7 10 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 50Vdc 35Vdc 25Vdc 16Vdc 10Vdc Working Voltage 6.3Vdc Case Size 5X5.5 6.3X5.5 6.3X5.5 4X5.5 6.3X5.5 6.3X5.5 4X5.5 5X5.5 6.3X5.5 6.3X5.5 4X5.5 5X5.5 6.3X5.5 4X5.5 5X5.5 5X5.5 6.3X5.5 4X5.5 4X5.5 4X5.5 4X5.5 4X5.5 5X5.5 5X5.5 6.3X5.5 Max. ESR () Max. Ripple Current (mA rms) AT 120Hz/105C AT 120Hz/20C 18.09 22 12.06 8.47 36.49 16.59 11.06 70.58 33.17 15.08 10.05 100.53 70.58 33.17 150.79 100.53 70.58 33.17 2985.67 1357.12 904.75 635.25 298.57 135.71 90.47 63.52 27 33 12 25 30 8 17 27 40 7 13 20 5.9 12 14 21 0.7 1.6 2.4 3.5 7 10 13 16 P B
0.3mm max.
PART NUMBER SYSTEM
NACNW
100 M 16V 5x5.5
Series
RoHS Compliant 97% Sn (min.), 3% Bi (max.) 330mm (13") Reel Tape & Reel Size in mm Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in F, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10F 10
TR 13 F
D
W
I
I
L
A
DIMENSIONS (mm)
Case Size D 0.5 L max. A 0.2 I 0.2 W P 0.2 4x5.5 4.0 5.5 4.3 1.8 0.5 ~ 0.8 1.0 5x5.5 5.0 5.5 5.3 2.1 0.5 ~ 0.8 1.4 6.3x5.5 6.3 5.5 6.6 2.5 0.5 ~ 0.8 2.2
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
30
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NACNW47M63V63X55TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X